PART |
Description |
Maker |
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
ZXMC4A16DN8TA ZXMC4A16DN8TC ZXMC4A16DN8 ZXMC4A16DN |
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET 4 A, 40 V, 0.05 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
ZXMP10A18GTA ZXMP10A18GTC ZXMP10A18G |
P-channel MOSFET 100V P-CHANNEL ENHANCEMENT MODE MOSFET 2.6 A, 100 V, 0.15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
ZETEX[Zetex Semiconductors] Diodes Incorporated Zetex Semiconductor PLC
|
IRFP040 IRF9622 IRF9612 IRFP362 IRFP343 |
TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 8.4A I(D) | TO-247AC TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 1.5A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 1.5AI(四)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 20A I(D) | TO-247 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 900MA I(D) | TO-220AB TRANSISTOR|MOSFET|P-CHANNEL|200VV(BR)DSS|1.5AI(D)|TO-220AB
TRANSISTOR|MOSFET|N-CHANNEL|50VV(BR)DSS|40AI(D)|TO-247AC
|
International Rectifier, Corp.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
OM6233SS OM6227SS OM6233SSV OM6231SS OM6232SS OM62 |
1000V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6D package 400V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6E package 1000V Dual N-Channel MOSFET in a S-6E package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6D, SIP-6 400V Dual N-Channel MOSFET in a S-6E package 400V双N沟道MOSFET的在一个S - 6E条包 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6E, SIP-6
|
International Rectifier Electronic Theatre Controls, Inc. Atmel, Corp.
|
AM29CPL151H-25/BXA AM29CPL151H-25/B3A AM29CPL151-1 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTX2N6762 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF430 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM250 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7225 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFMG50 with Standard Packaging User Programmable Special Function ASIC 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTXV2N6762 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANS2N6849 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6798 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTX2N7228U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTX2N6798 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7221 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9130CM with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN450 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9240 with Standard Packaging 用户可编程ASIC的特殊功
|
Vectron International, Inc.
|
|